Part Number Hot Search : 
1N582 CTP4556 BSP52 10ETS16S 10ETS16S FGF2005 IRHE3130 HC4051
Product Description
Full Text Search
 

To Download KBPC10066 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single phase bridge rectifier kbpc1001 - kbpc10005 kbpc-8 leaded plastic package absolute maximum ratings and electrical characteristics (ratings at t a = 25 o c unless specified otherwise, single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%.) kbpc 10005 kbpc 1001 kbpc 1002 kbpc 1004 kbpc 10066 kbpc 1008 kbpc 1010 v rrm 50 100 200 400 600 800 1000 v v rms 35 70 140 280 420 560 700 v v dc 50 100 200 400 600 800 1000 v i fsm a v f v c j pf o c/w o c/w t j , t stg o c notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 v dc . 2. unit mounted on 8.6 x 8.6 x 0.24" thick (22 x 22 x 0.6cm) al. plate 3. unit mounted on p.c.b at 0.375" (9.5mm) lead length with 0.5 x 0.5" (12 x 12mm) copper pads kbpc1001_005 rev170206d description peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t c =50 o c 500 value 10.0 250.0 unit symbols maximum forward voltage at 5.0a dc and 25oc i r typical junction capacitance (note 1) operating junction temperature and storage temperature range 25.0 200 - 55 to +125 typical thermal resistance (note 2) typical thermal resistance (note 3) 5.0 a a i (av) maximum reverse current at rated dc blocking vtg at t a = 25oc at t a = 100 o c 10.0 1.1 continental device india limited data sheet page 1 of 3 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
kbpc1001 - kbpc10005 kbpc-8 leaded plastic package dim min max dim min max a 18.5 19.6 e 12.2 13.2 b 6.50 7.5 f 12.20 13.2 c 19.10 g 1.00 1.1 d 18.50 19.6 packaging information package/ packaging type std packing case type qty kbpc-8 bulk 400 bulk: lose in poly bags component disposal instructions ? 1. cdil semiconductor devices are rohs compliant, customers?are requested to please dispose as per prevailing environmental legislation of their country. 2. in europe, please dispose as per eu directive 2002/96/ec on?waste electrical and?electronic equipment (weee). kbpc1001_005 rev170206d kbpc-8 leaded plastic package all dimensions are in mm continental device india limited data sheet page 2 of 3
customer notes kbpc1001 - kbpc10005 kbpc-8 leaded plastic package kbpc1001_005 rev170206d disclaimer the product information and the selection guides facilitate selection of the cdil's semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s).cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 4141 1112 fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 3 of 3


▲Up To Search▲   

 
Price & Availability of KBPC10066

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X